Part Number Hot Search : 
M62702SL MC330 EETUQ SFH231 5750K MMBD4448 721RP CH125
Product Description
Full Text Search
 

To Download BYT12P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYT12P/1000A
Vishay Telefunken
Fast Recovery Silicon Power Rectifier
Features
D D D D D D D D
Multiple diffusion Low switch on power losses Good soft recovery behaviour Fast forward recovery time Fast reverse recovery time Low reverse current Very low turn on transient peak voltage Very good reverse current stability at high temperature
14282
D Low thermal resistance
Applications
Fast switched mode power supplies Freewheeling diodes and snubber diodes in motor control circuits
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage =Repetitive peak reverse voltage Peak forward surge current Repetitive peak forward current Average forward current Junction and storage temperature range Test Conditions Type Symbol VR=VRRM IFSM IFRM IFAV Tj=Tstg Value 1000 150 25 12 -40...+150 Unit V A A A C
tp=10ms, half sinewave
Maximum Thermal Resistance
Tj = 25_C Parameter Junction case Junction ambient Test Conditions Symbol RthJC RthJA Value 2.0 85 Unit K/W K/W
Document Number 86021 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
BYT12P/1000A
Vishay Telefunken Electrical Characteristics
Tj = 25_C Parameter Forward voltage g Reverse current Forward recovery time Turn on transient peak voltage Reverse recovery y characteristics Reverse recovery time Test Conditions IF=12A IF=12A, Tj=100C VR=VRRM VR=VRRM, Tj=100C IF=12A, diF/dtx50A/ms , m IF=12A, diF/dtx-50A/ms, , m, VBatt=200V, Tj=100C IF=12A, diF/dtx-50A/ms, VBatt=200V, Tj=100C, iR=0.25xIRM IF=0.5A, IR=1A, iR=0.25A Type Symbol VF VF IR IR tfr VFP IRM tIRM trr Min Typ Max 1.9 1.8 50 2.5 4.5 7.8 200 220 Unit V V
mA
mA ns V A ns ns
350
trr
65
ns
Characteristics (Tj = 25_C unless otherwise specified)
1000 I FAV- Average Forward Current ( A ) I R - Reverse Current ( mA ) 16
100
12 RthJA=2K/W 5K/W 8 10K/W 4 85K/W 0 0 40 80 120 160 200
10
1
0.1 0
94 9398
40
80
120
160
200
94 9397
Tj - Junction Temperature ( C )
Tamb - Ambient Temperature ( C )
Figure 1. Typ. Reverse Current vs. Junction Temperature
Figure 2. Max. Average Forward Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 86021 Rev. 2, 24-Jun-98
BYT12P/1000A
Vishay Telefunken
100 IRM - Reverse Recovery Current ( A ) IF - Forward Current ( A ) 20
10
15
1 Scattering Limit 0.1
10 IF = 12A TC=100C 5
0.01 0
94 9396
0 0.6 1.2 1.8 2.4 3.0
94 9399
0
50
100
150
200
250
300
350
VF - Forward Voltage ( V )
-dIF/dt - Forward Current Rate of Change ( A/ms )
Figure 3. Forward Current vs. Forward Voltage
Figure 6. Reverse Recovery Current vs. Forward Current Rate of Change
250 t rr - Reverse Recovery Time ( ns )
Q rr - Reverse Recovery Charge ( nC )
1000
800 IF = 12A dIF/dt=100A/ms TC=100C
200
600
150
400 200 0 0 3 6 9 12 15 18 21
100 IF = 12A TC=100C 50 0 0 50 100 150 200 250 300 350
94 9403
IF - Forward Current ( A )
94 9401
-dIF/dt - Forward Current Rate of Change ( A/ms )
Figure 4. Reverse Recovery Charge vs. Forward Current
Figure 7. Reverse Recovery Time vs. Forward Current Rate of Change
1200 1000 800 600 400 200 0 IF = 12A TC=100C
t IRM - Reverse Recovery Time for IRM ( ns )
160 Q rr - Reverse Recovery Charge ( nC ) 350
120
80
40
IF = 12A TC=100C
0 0 50 100 150 200 250 300 -dIF/dt - Forward Current Rate of Change ( A/ms )
94 9402
0
50
100
150
200
250
300
350
94 9400
-dIF/dt - Forward Current Rate of Change ( A/ms )
Figure 5. Reverse Recovery Time for IRM vs. Forward Current Rate of Change
Figure 8. Reverse Recovery Charge vs. Forward Current Rate of Change
Document Number 86021 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
BYT12P/1000A
Vishay Telefunken Dimensions in mm
14276
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 86021 Rev. 2, 24-Jun-98
BYT12P/1000A
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 86021 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of BYT12P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X